Part Number Hot Search : 
C3216X5 PQ1CG303 WF512 LS4148 ATT3209 54122 VC060326 ST72104G
Product Description
Full Text Search
 

To Download MAAL-010200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 miniature broadband gain stage 70 - 3000 mhz rev. v1 MAAL-010200 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. features ? low noise figure ? high ip 3 ? single supply +3 v, +5 v 6 ? rohs* compliant sot-89 package description m/a-com technology?s MAAL-010200 broadband gain stage is a gaas mmic amplifier in a lead-free sot-89 surface mount plastic package. the maal- 010200 employs a monolithic 1-stage self-biased design featuring a convenient 50 ? input/output impedance that minimizes the number of external components required. its broadband design provides usable performance from 500 to 3000 mhz. for operation below 500 mhz contact m/a-com technology?s application group for support. pin configuration absolute maximum ratings 3,4,5 parameter absolute maximum rf output power 22 dbm voltage 5.5 volts operating temperature -40 c to +85 c storage temperature -65 c to +150 c * restrictions on hazardous substanc es, european union directive 2002/95/ec. ordering information 1,2 part number package MAAL-010200 -tr3000 3000 piece reel MAAL-010200-001smb sample test board 1. reference application note m513 for reel size information. 2. all sample boards include 5 loose parts. 3. exceeding any one or combination of these limits may cause permanent damage to this device. 4. m/a-com technology does not recommend sustained operation near these su rvivability limits. 5. operating at 5 volts with no drain resistor will require the rf output power to be no greater than 10 dbm. functional block diagram pin 1 rf in rf out/v dd pin pin name description 1 rf in rf input 2 gnd ground 3 rf out/v dd rf output & voltage bias
2 miniature broadband gain stage 70 - 3000 mhz rev. v1 MAAL-010200 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. baseline application schematic @ 3v, 5v electrical specifications: freq. = 500 - 3000 mhz, t a = 25c, z 0 = 50 ? handling procedures the following precautions should be observed to avoid damage: static sensitivity gallium arsenide integrated circuits are sensitive to electrostatic discharge (esd) and can be dam- aged by static electricity. proper esd control techniques should be used when handling these devices. recommended pcb confi guration @ 3v, 5v component list @ 3v, 5v part value case style purpose c1,c2 39 pf 0402 dc block c3 0.1 f 0402 rf bypass l1 12 nh 0402 rf choke/tuning test conditions units bias voltage 3 volts 5 volts 6 min. typ. max. typ. gain f = 0.9 ghz f = 1.9 ghz f = 3.0 ghz db ? 10 ? 14 11 8 ? 13 ? 14 11 8.5 noise figure f = 0.9 ghz f = 1.9 ghz f = 3.0 ghz db ? ? ? 1.3 1.4 1.45 ? 2 ? 1.45 1.4 1.5 input return loss f = 0.9 ghz f = 1.9 ghz f = 3.0 ghz db ? ? ? 7.5 11 14 ? ? ? 7.5 11 14 output return loss f = 0.9 ghz f = 1.9 ghz f = 3.0 ghz db ? ? ? 19.5 22 20 ? ? ? 20 21.5 23 output p1db 500 ? 3000 mhz dbm 17.5 ? output ip 3 500 ? 3000 mhz dbm 36 36 current ? ma 50 77 100 90 parameter
3 miniature broadband gain stage 70 - 3000 mhz rev. v1 MAAL-010200 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. typical performance curves: v dd = 3 v gain input return loss output return loss noise figure -30 -25 -20 -15 -10 -5 0 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) -20 -15 -10 -5 0 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) 0 5 10 15 20 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) 0.0 0.5 1.0 1.5 2.0 2.5 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz)
4 miniature broadband gain stage 70 - 3000 mhz rev. v1 MAAL-010200 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. typical performance curves: v dd = 3 v output ip3, input power @ -12 dbm current p1db 25 30 35 40 45 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) 15 16 17 18 19 20 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) 50 55 60 65 70 75 80 85 90 02468101214161820 +25 c -40 c +85 c output power (dbm)
5 miniature broadband gain stage 70 - 3000 mhz rev. v1 MAAL-010200 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. typical performance curves: v dd = 5 v 6 6. this device can run from a single 5 volt supply, but for 1m hour mttf the output power must be no greater than 10 dbm unless using a series resistor on the drain. see application note 7 on page 7. gain input return loss output return loss noise figure output ip3, input power = -12 dbm current -20 -15 -10 -5 0 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) -30 -25 -20 -15 -10 -5 0 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) 0 5 10 15 20 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40c +85 c frequency (ghz) 0.0 0.5 1.0 1.5 2.0 2.5 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) 25 30 35 40 45 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) 80 85 90 95 100 105 110 115 120 02468101214 +25 c -40 c +85 c output power (dbm)
6 miniature broadband gain stage 70 - 3000 mhz rev. v1 MAAL-010200 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. lead-free sot-89 ? ? reference application note m538 for l ead-free solder reflow recommendations. meets jedec moisture sensitivity level 1 requirements. plating is 100% matte tin over copper.
7 miniature broadband gain stage 70 - 3000 mhz rev. v1 MAAL-010200 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. 5 volt application section for operation above 10 dbm output power 7. the addition of a 27 ? series resistor on the drain line allows for 5 volt operation above 10 dbm output power, but no greater than 22 dbm of output power. component list @ 5v part value case style purpose c1 39 pf 0402 input dc block c2 39 pf 0402 output dc block c3 0.1 f 0402 rf bypass l1 12 nh 0805 rf choke/tuning r1 27 ? 0402 voltage drop application layout schematic @ 5v 7 application schematic @ 5v
8 miniature broadband gain stage 70 - 3000 mhz rev. v1 MAAL-010200 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. output return loss gain typical performance curves: v dd = 5 v 5 volt application section for operation above 10 dbm output power input return loss noise figure 0 5 10 15 20 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) -20 -15 -10 -5 0 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) -30 -25 -20 -15 -10 -5 0 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) 0.0 0.5 1.0 1.5 2.0 2.5 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz)
9 miniature broadband gain stage 70 - 3000 mhz rev. v1 MAAL-010200 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. output ip3, input power @ -12 dbm current p1db typical performance curves: v dd = 5 v 5 volt application section for ope ration above 10 dbm output power 25 30 35 40 45 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) 15 16 17 18 19 20 0.5 1.0 1.5 2.0 2.5 3.0 +25 c -40 c +85 c frequency (ghz) 50 55 60 65 70 75 80 85 90 0 2 4 6 8 10 12 14 16 18 20 +25 c -40 c +85 c output power (dbm)


▲Up To Search▲   

 
Price & Availability of MAAL-010200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X